Part Number Hot Search : 
LF9501 FQA16N50 FERP10F 1583010 STN4102 MZP4731 MAX232CW WCS1702
Product Description
Full Text Search
 

To Download 97-3250-90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6-6 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon f eatures patented contact terminates discrete wire (loose or jacketed cable) without stripping or soldering solid- and stranded-wire versions available. all-plastic design reduces cost. available in plug and socket styles in 14, 24, 36, 50, and 64 position sizes. includes instalatch passive latch feature for automatic latching. sockets are also available without latches. available with .125" or #4-40 mounting holes. 50-position size plug also available to lock with industry-standard bail latches. designed for panel mount, 180 (top-entry), or 90 (standard) / 270 (reverse) end-entry cable application. i ntegral cable clamp on end-entry versions provides superior strain relief, even with hood removed. full range of application tooling is available for termination, unlatching, etc. see page 6-54 for details. ul recognized - files e170218 (ul1977), e130965 (ul1863). csa approved - file lr31996-7. idc, superibbon tm all-plastic m aterials insulator: gray ul94v-0 rated glass-filled polyester, except where noted contact: copper alloy contact plating: select gold over 50in. select nickel standard; 30in. select gold over 50in. select nickel available where indicated e nvironmental operating temperature: -40c to +105c shock: 50g peak, per eia std. rs364, tp27, condition a vibration: 3 cycles @ 10-55hz in each of 3 axes per eia std. 364, tp28, condition a moisture resistance: per eia std. rs364, tp31, condition b, with step 7b excluded e lectrical voltage rating: 500 vac @ sea level; 125 vac @ 70,000 ft. withstanding voltage: 1200 vac rms @ sea level, per eia std. rs364, tp20 contact rating: 5 amps (4 amps per csa) contact resistance: 6 milliohms maximum, per eia std. rs364, tp6 contact resistance change during life conditioning: resistance change wire size (milliohms, max.) 24 awg solid 0.5 26 awg solid 0.5 26 awg stranded 2.0 28 awg stranded 5.0 insulation resistance: 5000 megohms minimum initial; 1000 megohms minimum after moisture
6-7 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon idc, superibbon tm all-plastic mechanical characteristics durability: 200 mating/unmating cycles mating / unmating forces: termination: solid idc versions terminate 22 awg - 26 awg solid wire; stranded idc versions terminate 24 awg - 28 awg stranded wire; recommended wire insulation: soft pvc, .040" (1.02mm) max. od wire grip strength (using recommended wire type): minimum force wire size lb. kg 24 awg solid 7 3.42 26 awg solid 5 2.44 26 awg stranded 5 2.44 mating force (max.) unmating force (min.) with instalatches without instalatches size lb. kg lb. kg 14 12 5.44 2 0.91 24 17 7.71 4 1.81 36 23 10.43 6 2.72 50 32 14.52 7 3.18 64 37 16.78 8 3.63
6-8 6 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon idc, superibbon tm all-plastic panel mount panel mount connectors provide signal i/o from a panel or system cabinet. see pages 6-51 thru 6-53 for accessories such as wire restraints, panel clips, mounting screws, and dust covers that make the use of cinch superibbon connectors even more cost-effective in panel-mount applications. dimensions ab d size in mm in mm in mm 14 1.745 44.32 1.417 35.99 0.738 18.75 24 2.170 55.12 1.842 46.79 1.163 29.54 36 2.680 68.07 2.352 59.74 1.673 42.49 50 3.275 83.19 2.947 74.85 2.268 57.61 64 3.875 98.43 3.542 89.97 2.863 72.72
latch 6-9 6 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon idc, superibbon tm all-plastic ordering information, panel mount plug, instalatching solid wire mount size commercial 30au/ni 14 97-12140-11 97-12140-11a 24 97-12240-11 97-12240-11a .125 hole 36 97-12360-11 97-12360-11a 50 97-12500-11 97-12500-11a 64 97-12640-11 97-12640-11a 14 97-12140-01 97-12140-01a 24 97-12240-01 97-12240-01a #4-40 hole 36 97-12360-01 97-12360-01a 50 97-12500-01 97-12500-01a 64 97-12640-01 97-12640-01a socket solid wire mount size commercial 30au/ni 14 97-22140-11 97-22140-11a 24 97-22240-11 97-22240-11a .125 hole 36 97-22360-11 97-22360-11a 50 97-22500-11 97-22500-11a 64 97-22640-11 97-22640-11a 14 97-22140-01 97-22140-01a 24 97-22240-01 97-22240-01a #4-40 hole 36 97-22360-01 97-22360-01a 50 97-22500-01 97-22500-01a 64 97-22640-01 97-22640-01a 14 97-22140-12 97-22140-12a 24 97-22240-12 97-22240-12a .125 hole 36 97-22360-12 97-22360-12a 50 97-22500-12 97-22500-12a 64 97-22640-12 97-22640-12a 14 97-22140-02 97-22140-02a 24 97-22240-02 97-22240-02a #4-40 hole 36 97-22360-02 97-22360-02a 50 97-22500-02 97-22500-02a 64 97-22640-02 97-22640-02a instalatches no latches
180 (top-entry) cable 6-10 6 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon idc, superibbon tm all-plastic snap-on plastic top-entry hoods are available separately to provide strain relief to a cable when one of the mounting/ latching options from page 6-9 fits your requirements. see page 6-53 for details and ordering information for top-entry all-plastic hoods. for bail latching applications, a 50-position size top-entry plug is available. it locks with industry-standard bail latches for positive locking/unlocking without tools. it also locks with instalatch latches for passive automatic latching. for these products, insulator material is blue ul94v-0 rated glass-filled polyester, and hood material is gray ul94v-0 rated glass-filled polyester.  the standard-orientation plug has the cable clamp on the position-1 end, and the standard-orientation socket has the clamp on the high position end.  cables may be extended end-to-end (i.e., ? running cable?) by mating standard- orientation plugs and sockets, or ?doubled back? by mating a standard-orientation connector with a reverse-orientation mate.  cables may exit either direction on a cable-to-panel application by choosing standard or reverse-orientation, depending on the desired direction of cable exit.  pointed-nose versions of the standard-orientation, 50-position size are slightly smaller than the square-end product and are suited to applications with limited space such as bridging adapters, etc.  #4-40 versions include screws that are 3/4" long, suitable for locking directly to the body of another connector. for locking to connectors panel-mounted with screwlock hardware, shorter screws are required. see pages 6-51 thru 6-53 for these and other accessories, such as dust covers. running cable application doubled-back cable application 2.566(65.18) 90 (standard) / 270 (reverse) end-entry cable end-entry connectors include a hood and integral cable clamp for cable exit from the end of the connector. ordering information, 180 (top-entry) cable bail latching plug solid wire large (.296 " ) cable opening small (.250 " ) cable opening size commercial 30au/ni commercial 30au/ni 50 77-32500lp 77-32500lpa 77-32500sp 77-32500spa
ordering information, square end standard (90) orientation plug, instalatching solid wire mount size commercial 30au/ni 14 97-12140-90 97-12140-90a 24 97-12240-90 97-12240-90a .125 hole 36 97-12360-90 97-12360-90a 50 97-12500-90 97-12500-90a 64 97-12640-90 97-12640-90a 14 97-12140-91 97-12140-91a 24 97-12240-91 97-12240-91a #4-40 hole 36 97-12360-91 97-12360-91a with screw 50 97-12500-91 97-12500-91a 64 97-12640-91 97-12640-91a socket solid wire latch mount size commercial 30au/ni 14 97-22140-90 97-22140-90a 24 97-22240-90 97-22240-90a .125 hole 36 97-22360-90 97-22360-90a 50 97-22500-90 97-22500-90a 64 97-22640-90 97-22640-90a 14 97-22140-91 97-22140-91a 24 97-22240-91 97-22240-91a #4-40 hole 36 97-22360-91 97-22360-91a with screw 50 97-22500-91 97-22500-91a 64 97-22640-91 97-22640-91a 14 97-22140-92 97-22140-92a 24 97-22240-92 97-22240-92a .125 hole 36 97-22360-92 97-22360-92a 50 97-22500-92 97-22500-92a 64 97-22640-92 97-22640-92a 14 97-22140-93 97-22140-93a 24 97-22240-93 97-22240-93a #4-40 hole 36 97-22360-93 97-22360-93a with screw 50 97-22500-93 97-22500-93a 64 97-22640-93 97-22640-93a 6-11 6 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon idc, superibbon tm all-plastic dimensions, square end ab size in mm in mm 14 2.114 53.70 1.417 35.99 24 2.539 64.49 1.842 46.79 36 3.049 77.44 2.352 59.74 50 3.677 93.40 2.947 74.85 64 4.511 114.58 3.542 89.97 instalatches no latches plug socket
6-12 6 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon idc, superibbon tm all-plastic ordering information, square end (cont?d) reverse (270) orientation solid wire mount size commercial 30au/ni 14 97-12140-270 97-12140-270a 24 97-12240-270 97-12240-270a .125 hole 36 97-12360-270 97-12360-270a 50 97-12500-270 97-12500-270a 64 97-12640-270 97-12640-270a 14 97-12140-271 97-12140-271a 24 97-12240-271 97-12240-271a #4-40 hole 36 97-12360-271 97-12360-271a with screw 50 97-12500-271 97-12500-271a 64 97-12640-271 97-12640-271a socket solid wire latch mount size commercial 30au/ni 14 97-22140-270 97-22140-270a 24 97-22240-270 97-22240-270a .125 hole 36 97-22360-270 97-22360-270a 50 97-22500-270 97-22500-270a 64 97-22640-270 97-22640-270a 14 97-22140-271 97-22140-271a 24 97-22240-271 97-22240-271a #4-40 hole 36 97-22360-271 97-22360-271a with screw 50 97-22500-271 97-22500-271a 64 97-22640-271 97-22640-271a 14 97-22140-272 97-22140-272a 24 97-22240-272 97-22240-272a .125 hole 36 97-22360-272 97-22360-272a 50 97-22500-272 97-22500-272a 64 97-22640-272 97-22640-272a 14 97-22140-273 97-22140-273a 24 97-22240-273 97-22240-273a #4-40 hole 36 97-22360-273 97-22360-273a with screw 50 97-22500-273 97-22500-273a 64 97-22640-273 97-22640-273a instalatches no latches plug, instalatching
6-13 6 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon idc, superibbon tm all-plastic solid wire #4-40 threaded hole with screw commercial 30au/ni plug, instalatching with dust cover 97-12500-91pd 97-12500-91pda without dust cover 97-12500-91p 97-12500-91pa socket, instalatching with dust cover 97-22500-91pd 97-22500-91pda without dust cover 97-22500-91p 97-22500-91pa socket, no latches with dust cover 97-22500-93pd 97-22500-93pda without dust cover 97-22500-93p 97-22500-93pa ordering information, pointed-end pointed-end 50-position 90 end-entry cable


▲Up To Search▲   

 
Price & Availability of 97-3250-90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X